Part Number Hot Search : 
UDZS33B 2DF5VSA NTE1451 MRF449 HPL31PT AUIRF7 TY0131A HER10
Product Description
Full Text Search
 

To Download M1331-272K Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ROVE
DA SH
Not recommended for new designs See Series 1331 (page 28) for replacement. Military QPL Approvals M83446/26 Iron Core M83446/27 Ferrite Core Physical Parameters Inches Millimeters A 0.300 to 0.320 7.62 to 8.13 B 0.105 to 0.125 2.67 to 3.18 C 0.125 to 0.145 3.18 to 3.68 D 0.020 to 0.040 0.51 to 1.02 E 0.075 to 0.095 1.91 to 2.41 F 0.230 to 0.260 5.84 to 6.60 Dimensions "A" and "C" are over terminals Weight Max. (Grams) 0.30 Current Rating at 90C Ambient 15C Rise Operating Temperature -55C to +105C Maximum Power Dissipation at 90C Ambient 0.0585 Watts **Note Self Resonant Frequency (SRF) values for -101K to -331K are calculated and for reference only. Packaging Tape & reel (16mm): 7" reel, 500 pieces max.; 13" reel, 2200 pieces max. Made In the U.S.A. Patent Protected
-101K -121K -151K -181K -221K -271K -331K -391K -471K -561K -681K -821K -102K -122K -152K -182K -222K -272K -332K -392K -472K -562K -682K -822K -103K -123K -153K -183K -223K -273K -333K -393K -473K -563K -683K -823K -104K -124K -154K -184K -224K -274K -334K -394K -474K -564K
M83446/26- SERIES M1331 IRON CORE & SLEEVE
01F 02F 03F 04F 05F 06F 07F 08F 09F 10F 11F 12F 13F 14F 15F 16F 17F 18F 19F 20F 21F 22F 23F 24F 25F 26F 27F 28F 29F 30F 31F 32F 33F 34F 35F 36F 37F 01F 02F 03F 04F 05F 06F 07F 08F 09F 0.10 0.12 0.15 0.18 0.22 0.27 0.33 0.39 0.47 0.56 0.68 0.82 1.00 1.20 1.50 1.80 2.20 2.70 3.30 3.90 4.70 5.60 6.80 8.20 10.0 45 45 45 45 45 45 44 42 41 41 39 38 37 40 41 43 45 48 49 50 50 50 50 50 50 36 38 40 40 40 41 42 44 44 45 45 40 31 33 33 35 35 35 35 35 35 25.0 25.0 25.0 25.0 25.0 25.0 25.0 25.0 25.0 25.0 25.0 25.0 25.0 7.9 7.9 7.9 7.9 7.9 7.9 7.9 7.9 7.9 7.9 7.9 7.9 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 490.0** 430.0** 415.0** 375.0** 330.0** 300.0** 260.0** 230.0 220.0 210.0 180.0 165.0 150.0 130.0 115.0 105.0 95.0 90.0 80.0 75.0 70.0 60.0 55.0 53.0 50.0 35.0 30.0 26.0 24.0 21.0 20.0 19.0 16.0 15.0 13.0 11.0 10.5 0.10 0.11 0.12 0.13 0.15 0.16 0.18 0.19 0.21 0.23 0.24 0.27 0.30 0.73 0.86 0.95 1.10 1.20 1.30 1.50 2.40 2.90 3.20 3.60 4.00 670 635 610 585 545 530 495 485 460 440 430 405 385 247 228 217 202 193 185 173 136 124 118 111 106
MI L
Shielded Surface Mount Inductors
NU MB ER *
Series
M1331
MI
L I TAR Y
D
A
PP
M83446/26- SERIES M1331 IRON CORE/FERRITE SLEEVE
12.0 15.0 18.0 22.0 27.0 33.0 39.0 47.0 56.0 68.0 82.0 100.0 120.0 150.0 180.0 220.0 270.0 330.0 390.0 470.0 560.0 3.00 3.40 3.80 4.90 5.80 6.50 7.90 9.30 11.0 12.0 13.0 16.8 5.80 7.90 9.40 11.0 12.0 16.0 21.0 24.0 28.0 122 115 108 96 88 83 75 69 64 61 59 51 88 75 69 64 61 53 46 43 40
M83446/27- SERIES M1331 FERRITE CORE & SLEEVE
0.79 0.79 0.79 0.79 0.79 0.79 0.79 0.79 0.79 13.0 12.0 11.0 10.0 9.0 8.0 7.8 7.5 7.0
Parts listed above are QPL/MIL qualified
Optional Tolerances: J = 5% H = 3% *Complete part # must include series # PLUS the dash # For further surface finish information, refer to TECHNICAL section of this catalog.
6/2007
www.delevan.com E-mail: apisales@delevan.com 270 Quaker Rd., East Aurora NY 14052 * Phone 716-652-3600 * Fax 716-652-4814
DA SH IN DU # ( CT H) A 1 NC 0% E Q MI NI MU M TE ST FR EQ UE SR NC F MI Y NI (M MU Hz DC ) M (M MA RES Hz XI IST )** CU MUM AN RR (O CE MA E H XI NT MS IN MU RA ) C MT CU REM (m ING RR EN A) EN TA TL (m A)
670 635 610 585 545 530 495 485 460 440 430 405 385 247 228 217 202 193 185 173 136 124 118 111 106 122 115 108 96 88 83 75 69 64 61 59 51 27 24 22 20 18 16 14 13 12
RF INDUCTORS


▲Up To Search▲   

 
Price & Availability of M1331-272K

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X